Part Number Hot Search : 
100LX TMC261 SA2011 1A5157M0 7323600 34538 580024 00201
Product Description
Full Text Search
 

To Download TIP100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
PLASTIC POWER TRANSISTORS
TIP100 TIP101 TIP102 NPN
TIP105 TIP106 TIP107 PNP
TO-220 Plastic Package
Intended for use in Linear Switching Applications
ABSOLUTE MAXIMUM RATINGS (Ta=25C) DESCRIPTION VCEO Collector Emitter Voltage Collector Base Voltage Emitter Base Voltage Collector Current Continuous Collector Current Peak Base Current Power Dissipation upto Tc=25C Power Dissipation upto Ta=25C Derate above 25C Operating And Storage Junction Temperature THERMAL RESISTANCE Junction to Case Junction to Ambient in free air Rth (j-c) Rth (j-a) 1.56 62.5 C/W C/W VCBO VEBO IC ICM IB PD PD Tj , Tstg TIP100/105 60 60 TIP101/106 80 80 5 8 15 1 80 2 16 - 65 to +150 TIP102/107 100 100 UNIT V V V A A A W W mW/C C
ELECTRICAL CHARACTERISTICS (Tc=25C unless specified otherwise) DESCRIPTION SYMBOL TEST CONDITION ICEO VCE=30V, IB=0 TIP100/105 Collector Cut Off Current VCE=40V, IB=0 TIP101/106 VCE=50V, IB=0 TIP102/107 ICBO VCB=60V, IE=0 TIP100/105 Collector Cut Off Current VCB=80V, IE=0 TIP101/106 VCB=100V, IE=0 TIP102/107 IEBO VEB=5V, IC=0 Emitter Cut Off Current TIP100/105 Collector Emitter (sus) Voltage *VCEO(sus) IC=30mA, IB=0 TIP101/106 TIP102/107 *VCE (sat) IC=3A, IB=6mA Collector Emitter Saturation Voltage IC=8A, IB=80mA *VBE(on) IC=8A, VCE=4V Base Emitter On Voltage *hFE IC=3A,VCE=4V DC Current Gain IC=8A, VCE=4V Forward Voltage of Commutation *VF IF=IC=10A, IB=0 Diode *Pulse Test : Pulse Width=300 s, Duty Cycle < 2%
MIN
MAX 50 50 50 50 50 50 8.0
60 80 100 2.0 2.5 2.8 20,000 6.0
UNIT A A A A A A mA V V V V V V
1,000 200
V
TIP100 TIP101 TIP102 NPN
TIP105 TIP106 TIP107 PNP
TO-220 Plastic Package TO-220 Plastic Package
B H F C E DIM MIN MAX 14.42 16.51 A 9.63 10.67 B C 3.56 4.83 -- 0.90 D 1.15 E 1.40 3.75 3.88 F G 2.29 2.79 2.54 3.43 H -- 0.56 J K 12.70 14.73 2.80 4.07 L M 2.03 2.92 -- 31.24 N O 7 DEG All diminsions in mm.
A N L 1 2 3 D G K 0 J M 0
4
1
2
3 TO-220 Tube Packing
Label 536.00 1.5
Pin Configuration 1. Base 2. Collector 3. Emitter 4. Collector
End Pin 13.74
DEVICE NAME Sr. QTY.
A ll Dimensions in mm
50 Pcs./Tube
AMMO PACK SIZE
6.87 Tube Thickness
Label
92.0
538
.00
75. 0
20 Tubes/Ammo Pack 1000 Pcs./Ammo Pack
Packing Details
PACKAGE Details TO-220 200 pcs/ polybag 50 pcs/ tube STANDARD PACK Net Weight/ Qty 396 gm/ 200 pcs 120 gm/ pcs 50 Size 3" x 7.5" x 7.5" 3.5" x 3.7" x 21.5" INNER CARTON BOX Qty 1.0K 1.0K Size 17" x 15" x 13.5" 19" x 19" x 19" OUTER CARTON BOX Qty 16.0K 10.0K Gr Wt 36 kgs 29 kgs
32.85


▲Up To Search▲   

 
Price & Availability of TIP100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X